| Moteur de recherche de fiches techniques de composants électroniques |
|
LMH2 Fiches technique(PDF) 21 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
LMH2 Fiches technique(HTML) 21 Page - Cree, Inc |
|
21 / 21 page ![]() Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC. 21 LMH2 FaMiLy LED MoDuLEs notEs roHs Compliance ThelevelsofRoHSrestrictedmaterialsinthisproductarebelowthemaximumconcentrationvalues(alsoreferredtoasthethreshold limits)permittedforsuchsubstances,orareusedinanexemptedapplication,inaccordancewithEUDirective2011/65/EC(RoHS2),as implementedJanuary2,2013.RoHSDeclarationsforthisproductcanbeobtainedfromyourCreerepresentativeorfromtheProduct ecology section of the Cree website. EnErgy star® The850‑and1250‑lmversionsoftheLMH2modulearelistedintheENERGYSTAR® CertifiedLightingSubcomponentDatabase(CSD). vision advisory Users should be cautioned not to stare at the light of this LeD product. The bright light can damage the eye. For more information about LeDs and eye safety, please refer to the LeD eye Safety application note. PaCKaging LMH2familylightsourcesarepackagedinboxesof10,whicharethencombinedincartonsof5boxes,or50LMH2familylightsources. Box and carton sizes are as follows. Boxof10LMH2familylightsources:320x280x115 mm Cartonof5LMH2familyboxes:600x300x350 mm Optional heat sinks are packaged in boxes of 10. each box also includes 40 screws. Boxes are combined in cartons as shown below. Box and carton sizes are as follows. Heat sink Part number box size (mm) Carton size (mm) Optional Heat Sink 1 LMH020-HS00-000-000001 450x95x95 Cartonof5boxes,or50heatsinks:500x460x115 Optional Heat Sink 2 LMH020-HS00-000-000002 600x120x120 Cartonof2boxes,or20heatsinks:620x260x150 OptionalHeatSink3 LMH020‑HS00‑000‑000061 750x296x120 No carton used Optional Heat Sink 4 LMH020-HS00-000-000081 872 x 208 x 120 No carton used |