| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMT-RJS-CU14QBB1 Fiches technique(PDF) 9 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMT-RJS-CU14QBB1 Fiches technique(HTML) 9 Page - Cree, Inc |
|
9 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 9 Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 9 Cree 4-mm Oval LED C4SMT-RJS/GJS/BJS PACKAGING Features: • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water resistant, and they must be kept away from water and moisture. • The Bulk Pack types of packaging. • Max 1000 pcs per bulk and Max 3000 pcs per ammo. Bulk Pack Packaging Type: Ammo Pack Packaging Type: 10 bags/carton Label A XXXXXXXXXXX (anti-electrostatic bag) xxx xxx |