Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATMEGA406 Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce ATMEGA406
Description  Microcontroller with 40K Bytes In-System Programmable Flash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406 Fiches technique(HTML) 2 Page - ATMEL Corporation

  ATMEGA406 Datasheet HTML 1Page - ATMEL Corporation ATMEGA406 Datasheet HTML 2Page - ATMEL Corporation ATMEGA406 Datasheet HTML 3Page - ATMEL Corporation ATMEGA406 Datasheet HTML 4Page - ATMEL Corporation ATMEGA406 Datasheet HTML 5Page - ATMEL Corporation ATMEGA406 Datasheet HTML 6Page - ATMEL Corporation ATMEGA406 Datasheet HTML 7Page - ATMEL Corporation ATMEGA406 Datasheet HTML 8Page - ATMEL Corporation ATMEGA406 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
2548AS–AVR–01/05
ATmega406
1.
Pin Configurations
Figure 1-1.
Pinout ATmega406.
1.1
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Min and Max values
will be available after the device is characterized.
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SGND
(ADC0/PCINT0) PA0
(ADC1/PCINT1) PA1
(ADC2/PCINT2) PA2
(ADC3/PCINT3) PA3
VREG
VCC
GND
(ADC4/INT0/PCINT4) PA4
(INT1/PCINT5) PA5
(INT2/PCINT6) PA6
(INT3/PCINT7) PA7
PVT
OD
VFET
OC
OPC
BATT
PC0
GND
PD1
PD0 (T0)
PB7 (OC0B/PCINT15)
PB6 (OC0A/PCINT14)
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19