| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4154 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4154 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 20 page ![]() ADF4154 Rev. 0 | Page 13 of 20 Table 9. R-Divider Register Map M12 0 0 0 . . . 1 1 1 1 INTERPOLATOR MODULUS VALUE (MOD) 2 3 4 . . . 4092 4093 4094 4095 M11 0 0 0 . . . 1 1 1 1 M10 0 0 0 . . . 1 1 1 1 M3 0 0 1 . . . 1 1 1 1 M2 1 1 0 . . . 0 0 1 1 M1 0 1 0 . . . 0 1 0 1 .......... .......... .......... .......... .......... .......... .......... .......... .......... .......... RF R-COUNTER DIVIDE RATIO 1 2 3 4 . . . 12 13 14 15 R4 0 0 0 0 . . . 1 1 1 1 R3 0 0 0 1 . . . 1 1 1 1 R2 0 1 1 0 . . . 0 0 1 1 R1 1 0 1 0 . . . 0 1 0 1 P1 0 1 PRESCALER 4/5 8/9 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (0) C1 (1) M1 M2 M3 M4 M5 M6 M7 M8 M9 M10 M11 M12 R1 R3 R4 CONTROL BITS 12-BIT INTERPOLATOR MODULUS VALUE (MOD) 4-BIT R COUNTER R2 MUXOUT P2 DB20 DB19 P1 M1 DB23 DB22 DB21 M2 M3 P3 P3 0 1 LOAD CONTROL NORMAL OPERATION LOAD FAST-LOCK TIMER M3 0 0 0 0 1 1 1 1 M2 0 0 1 1 0 0 1 1 M1 0 1 0 1 0 1 0 1 MUXOUT THREE-STATE OUTPUT DIGITAL LOCK DETECT ANALOG LOCK DETECT N-DIVIDER OUTPUT LOGIC HIGH LOGIC LOW R-DIVIDER OUTPUT FAST-LOCK SWITCH |