Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM121 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TSM121
Description  SINGLE CHIP PWM & HOUSEKEEPING IC FOR HALF BRIDGE SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM121 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TSM121 Datasheet HTML 4Page - STMicroelectronics TSM121 Datasheet HTML 5Page - STMicroelectronics TSM121 Datasheet HTML 6Page - STMicroelectronics TSM121 Datasheet HTML 7Page - STMicroelectronics TSM121 Datasheet HTML 8Page - STMicroelectronics TSM121 Datasheet HTML 9Page - STMicroelectronics TSM121 Datasheet HTML 10Page - STMicroelectronics TSM121 Datasheet HTML 11Page - STMicroelectronics TSM121 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TSM121
10/12
When the Error Amplifier output (FB) is low, the
C1 / C2 outputs duty cycle is high.
When the Error Amplifier output (FB) is high, the
C1 / C2 outputs duty cycle is low.
When the Soft Start input (SS/DTC) is low, the C1
/ C2 outputs duty cycle is high.
When the Soft Start input (SS/DTC) is high, the C1
/ C2 outputs duty cycle is low.
Figure 4 :
OSCILLATOR
CK
D
Q
!Q
C1
C2
PWM GENERATOR
FAULT
FB
OSC
SS
PWM
SSDTC
CK
A
B
OSC
SS
FB
PWM
SSDTC
CK
Q
!Q
A
B
C1
C2
OSC
SS
FB
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12