| Moteur de recherche de fiches techniques de composants électroniques |
|
5802-DS03-R Fiches technique(PDF) 29 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5802-DS03-R Fiches technique(HTML) 29 Page - Broadcom Corporation. |
|
29 / 50 page ![]() Production Specification ■ BCM5802 07/03/02 B roa dcom Co rpo rat ion Document 5802-DS03-405-R Memory Structures Page 21 Packet Context Buffer. This structure defines IPsec crypto and authentication processing to be applied on a per packet basis. Table 6: Packet Context Buffer The crypto bit must be 0 for no crypto, or 1 for 3DES-CBC. DES modes are generated by setting three consecutive 3DES keys to be equal. The authentication value must be set as follows: MSB LSB 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 1 5 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Crypto 3DES keying material, (24 bytes, high word of k1) Crypto 3DES keying material (24 bytes, low word of k1) Crypto 3DES keying material (high word of k2) Crypto 3DES keying material (low word of k2) Crypto 3DES keying material (high word of k3) Crypto 3DES keying material (low word of k3) HMAC Hash Inner state (high word) HMACInnerState HMAC Hash Inner state HMAC Hash Inner state HMAC Hash Inner state (low word for MD5) HMAC Hash Inner state (low word only for SHA1) HMAC Hash Outer state (high word) HMACOuterState HMAC Hash Outer state HMAC Hash Outer state HMAC Hash Outer state (low word for MD5) HMAC Hash Outer state (low word only for SHA1) 3DES Computed IV (8 bytes, high word) 3DES Computed IV (8 bytes, low word) Payload auth to Crypto offset cryptoOffset in 32-bit words C r y p t o I n b o u n d A u t h (2) Reserved 00 No authentication 01 HMAC-MD5 10 HMAC-SHA1 11 Invalid |