Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5228-DS08-R Fiches technique(PDF) 28 Page - Broadcom Corporation.

No de pièce 5228-DS08-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS08-R Fiches technique(HTML) 28 Page - Broadcom Corporation.

Back Button 5228-DS08-R Datasheet HTML 24Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 25Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 26Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 27Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 28Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 29Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 30Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 31Page - Broadcom Corporation. 5228-DS08-R Datasheet HTML 32Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 16
Hardware Signal Definition Table
Document
5228-DS09-405-R
B16
163
162
BIASGND
Bias GND
A05
C07
C10
C13
P07
P11
T04
T13
67
73
85
91
169
175
187
193
65
78
90
92
168
170
182
195
AVDD
2.5-V, Analog VDD
B05
B14
B15
C06
C08
C09
C11
C12
D09
D10
E09
P05
P06
P08
P09
P10
P12
P13
R04
R13
61
66
70
74
79
84
88
92
97
168
172
176
181
186
190
194
199
59
64
66
77
79
84
89
91
93
98
167
169
171
176
181
183
194
196
201
AGND
Analog GND
E04
E13
G04
K14
L04
N13
2
15
48
111
132
154
2
15
48
111
132
154
DVDD
2.5-V, Digital Core VDD
C14
F03
G06
J13
M03
N14
1
14
49
110
133
155
1
14
49
110
133
155
DGND
Digital Core GND
Table 2: Pin Definitions (Cont.)
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100