| Moteur de recherche de fiches techniques de composants électroniques |
|
5220-DS03-R Fiches technique(PDF) 18 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5220-DS03-R Fiches technique(HTML) 18 Page - Broadcom Corporation. |
|
18 / 90 page ![]() BCM5220 Preliminary Data Sheet 04/20/04 Broa d c om Co rp o r a t i o n Page 6 MII Management Document 5220-DS04-405-R K 0101* 10001 Start-of-Stream Delimiter, Part 2 T 0000* 01101 End-of-Stream Delimiter, Part 1 R 0000* 00111 End-of-Stream Delimiter, Part 2 H 1000 00100 Transmit Error (used to force signalling errors) V 0111 00000 Invalid Code V 0111 00001 Invalid Code V 0111 00010 Invalid Code V 0111 00011 Invalid Code V 0111 00101 Invalid Code V 0111 00110 Invalid Code V 0111 01000 Invalid Code V 0111 011000 Invalid Code V 0111 10000 Invalid Code V 0111 11001 Invalid Code * Treated as invalid code (mapped to 0111) when received in data field. Table 2: Receive Error Encoding Error Type RXD[3:0] Stream cipher error—descrambler lost lock 0010 Link failure 0011 Premature end of stream 0110 Invalid code 0111 Transmit error 1000 False carrier sense 1110 Table 1: 4B5B Encoding (Cont.) Name 4B code 5B Code Meaning |