Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AC101L-DS03-R Fiches technique(PDF) 22 Page - Broadcom Corporation.

No de pièce AC101L-DS03-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS03-R Fiches technique(HTML) 22 Page - Broadcom Corporation.

Back Button AC101L-DS03-R Datasheet HTML 18Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 19Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 20Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 21Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 22Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 23Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 24Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 25Page - Broadcom Corporation. AC101L-DS03-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 12
LED Operation
Document
AC101L-DS06-R
The default LED modes are as shown below:
LED CONFIGURATION
The LEDs are fully configurable to other operational modes. Each LED has two 16-bit registers to define its operation. See
“Common Registers” on page 22 and Table 3 below to configure the LEDs to work with operational modes other than default
mode.
LED [3:0] EVENT TABLE
LED [3:0] are configurable. The following events are defined for AC101L operation
:
LED0
LED1
LED2
LED3
Link/Activity
Speed
Duplex
Collision
Table 3: LED [3:0] Event Table
Bit#
Description
7Duplex
6Collision
5
Speed 100
4
Speed 10
3
Transmit activity
2
Transmit/Receive activity
1
Receive activity
0Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54