| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F525LSDPMC Fiches technique(PDF) 24 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525LSDPMC Fiches technique(HTML) 24 Page - Cypress Semiconductor |
|
24 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 24 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 - - - - 45 55 P143 - F General-purpose I/O port SOT10_0/SDA1 0 - Multi-function serial ch.10 serial data output (0)/ I2C bus serial data I/O PPG39_0 - PPG ch.39 output (0) TOT4_1 - Reload timer ch.4 output (1) - - - - - 56 P182 - A General-purpose I/O port PPG42_0 - PPG ch.42 output (0) - - 32 38 46 57 P060 - A General-purpose I/O port SCS10_0 - Serial chip select 10 I/O (0) PPG2_1 - PPG ch.2 output (1) ICU2_1 - Input capture ch.2 input (1) TOT5_1 - Reload timer ch.5 output (1) INT13_0 - INT13 External interrupt input (0) 22 27 33 39 47 58 P061 - B General-purpose I/O port SOT10_1 - Multi-function serial ch.10 serial data output (1) AN41 - ADC analog 41 input ICU6_0 - Input capture ch.6 input (0) PPG3_1 - PPG ch.3 output (1) ICU3_1 - Input capture ch.3 input (1) TOT6_1 - Reload timer ch.6 output (1) INT13_1 - INT13 External interrupt input (1) 23 28 34 40 48 59 P062 - B General-purpose I/O port SCS10_1 - Serial chip select 10 I/O (1) SCS40_0 - Serial chip select 40 I/O (0) AN40 - ADC analog 40 input PPG4_1 - PPG ch.4 output (1) FRCK0_0 - Free-run timer 0 clock input (0) TOT7_1 - Reload timer ch.7 output (1) ZIN1_1 - U/D counter ch.1 ZIN input (1) - 29 35 41 49 60 P063 - B General-purpose I/O port SCS41_0 - Serial chip select 41 output (0) AN39 - ADC analog 39 input PPG5_1 - PPG ch.5 output (1) FRCK1_0 - Free-run timer 1 clock input (0) BIN1_1 - U/D counter ch.1 BIN input (1) - - - - - 61 P183 - A General-purpose I/O port PPG43_0 - PPG ch.43 output (0) |