| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F525DJCPMC Fiches technique(PDF) 29 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525DJCPMC Fiches technique(HTML) 29 Page - Cypress Semiconductor |
|
29 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 29 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 41 *1 50 *1 62 72 88 107 P103 - H General-purpose I/O port SCS73_0 *2, *3 - Serial chip select 73 output (0) AN15 - ADC analog 15 input PPG11_0 - PPG ch.11 output (0) 42 *1 51 *1 63 73 89 108 P104 - H General-purpose I/O port SCS72_0 *2, *3 - Serial chip select 72 output (0) AN16 - ADC analog 16 input PPG12_0 - PPG ch.12 output (0) 43 *1 52 *1 64 74 90 109 P105 - H General-purpose I/O port SCS71_0 *2, *3 - Serial chip select 71 output (0) AN17 - ADC analog 17 input PPG13_0 - PPG ch.13 output (0) - - 65 75 91 110 P106 - H General-purpose I/O port SCS70_0 - Serial chip select 70 I/O (0) AN18 - ADC analog 18 input PPG14_0 - PPG ch.14 output (0) - 53 66 76 92 111 P107 - B General-purpose I/O port AN19 - ADC analog 19 input PPG15_0 - PPG ch.15 output (0) - - - - - 112 P193 - A General-purpose I/O port PPG25_1 - PPG ch.25 output (1) - - - 77 93 113 P154 - B General-purpose I/O port AN20 - ADC analog 20 input - - - 78 94 114 P155 - B General-purpose I/O port AN21 - ADC analog 21 input 44 54 67 79 95 115 NMIX N M Non-masking interrupt input 45 55 68 80 96 116 P110 - B General-purpose I/O port TX1(64) - CAN transmission data 1 output SCS63_0 - Serial chip select 63 output (0) AN22 - ADC analog 22 input - - 69 81 97 117 P111 - G General-purpose I/O port RX1(64) - CAN reception data 1 input SCS62_0 - Serial chip select 62 output (0) AN23 - ADC analog 23 input INT1_0 - INT1 External interrupt input (0) - - - 82 98 118 P112 - B General-purpose I/O port AN24 - ADC analog 24 input PPG16_0 - PPG ch.16 output (0) RTO0_0 - Waveform generator ch. 0 output pin (0) |