Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB91F525LSCPMC Fiches technique(PDF) 230 Page - Cypress Semiconductor

No de pièce MB91F525LSCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LSCPMC Fiches technique(HTML) 230 Page - Cypress Semiconductor

Back Button MB91F525LSCPMC Datasheet HTML 226Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 227Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 228Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 229Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 230Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 231Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 232Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 233Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 234Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 230 of 280
MB91520 Series
Page
Section
Change Results
158,161,
164,167
■ELECTRICAL
CHARACTERISTICS
4. AC characteristics
(4) Multi-function Serial
(4-1) CSIO timing
(4-1-5),(4-1-6),(4-1-7),(4-1-8)
(4-1-
5)SCS↓⇒SCK↓ setup time tCSSI
(4-1-
6)SCS↓⇒SCK↑ setup time tCSSI
(4-1-
7)SCS↑⇒SCK↓ setup time tCSSI
(4-1-
8)SCS↑⇒SCK↑ setup time tCSSI
Corrected the following description.
Pin name: SCK1 to SCK11
SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to
SCS73,SCS8 to SCS11
Value: Min tCSSU+0
Max tCSSU+50
↓
Pin name: SCK1,SCK2,SCK5 to SCK11
SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to
SCS11
Value: Min tCSSU-50
Max tCSSU+0
Pin name: SCK3,SCK4
SCS3,SCS40 to SCS43
Value: Min tCSSU-50
Max tCSSU+300
158,161,
164,167
■ELECTRICAL
CHARACTERISTICS
4. AC characteristics
(4) Multi-function Serial
(4-1) CSIO timing
(4-1-5),(4-1-6),(4-1-7),(4-1-8)
(4-1-
5)SCK↑⇒SCS↑hold time tCSHI
(4-1-
6)SCK↓⇒SCS↑hold time tCSHI
(4-1-
7)SCK↑⇒SCS↓hold time tCSHI
(4-1-
8)SCK↓⇒SCS↓hold time tCSHI
Corrected the following description.
Pin name: SCK1 to SCK11
SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to SCS63,SCS70 to
SCS73,SCS8 to SCS11
Value: Min tCSHD-50
Max tCSHD+0
↓
Pin name: SCK1,SCK2,SCK5 to SCK11
SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,SCS8 to
SCS11
Value: Min tCSHD-10
Max tCSHD+50
Pin name: SCK3,SCK4
SCS3,SCS40 to SCS43
Value: Min tCSHD-300
Max tCSHD+50
158,161,
164,167
■ELECTRICAL
CHARACTERISTICS
4. AC characteristics
(4) Multi-function Serial
(4-1) CSIO timing
(4-1-5),(4-1-6),(4-1-7),(4-1-8)
(4-1-5),(4-1-
6)SCS↓⇒SOT delay time tDSE
(4-1-7),(4-1-8)
SCS↑⇒SOT delay time tDSE
Corrected the following description.
Pin name: SCS1 to SCS3,SCS40 to SCS43,SCS50 to SCS53,SCS60 to
SCS63,SCS70 to SCS73,SCS8 to SCS11
SOT1 to SOT11
Value: Min -
Max 40
↓
Pin name: SCS1,SCS2,SCS50 to SCS53,SCS60 to SCS63,SCS70 to SCS73,
SCS8 to SCS11
SOT1,SOT2,SOT5 to SOT11
Value: Min -
Max 40
Pin name: SCS3,SCS40 to SCS43
SOT3,SOT4
Value: Min -
Max 300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More