Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB91F525LSCPMC Fiches technique(PDF) 17 Page - Cypress Semiconductor

No de pièce MB91F525LSCPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525LSCPMC Fiches technique(HTML) 17 Page - Cypress Semiconductor

Back Button MB91F525LSCPMC Datasheet HTML 13Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 14Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 15Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 16Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 17Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 18Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 19Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 20Page - Cypress Semiconductor MB91F525LSCPMC Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 17 of 280
MB91520 Series
MB91F52xL
MB91F522L, MB91F523L, MB91F524L, MB91F525L, MB91F526L
(TOP VIEW)
VSS
1
132 VSS
P015/D29/TRG0_0
2
131 P123/OCU9_0
P016/D30/TRG1_0
3
130 P197/PPG29_1
P170/PPG36_1
4
129 P122/SIN6_0/AN31/OCU8_0/INT9_1
P017/D31/TRG2_0
5
128 P121/OCU7_0/PPG23_0
P171/PPG37_1
6
127 P120/AN30/OCU6_0/PPG22_0/INT9_0
P020/ASX/SIN3_1/TRG3_0/TIN0_2/RTO5_1
7
126 P196/FRCK3_1/PPG28_1
P021/CS0X/SOT3_1/TRG6_1/TRG4_0
8
125 P117/SCS60_0/AN29/PPG21_0/RTO5_0
P022/CS1X/SCK3_1/TRG7_1/TRG5_0
9
124 P116/SCK6_0/SCL6/AN28/PPG20_0/RTO4_0
P023/RDX/SCS3_1/PPG32_0/TIN0_0
10
123 P115/RX1_1/SOT6_0/SDA6/AN27/PPG19_0/RTO3_0/INT1_1
P024/WR0X/SIN4_1/PPG24_0/TIN1_0/RTO4_1/INT15_0
11
122 P114/SCS61_0/AN26/PPG18_0/RTO2_0
P025/WR1X/SOT4_1/PPG25_0/TIN2_0
12
121 P195/FRCK4_1/PPG27_1
P172/PPG38_1
13
120 P194/FRCK5_1/PPG26_1
P026/A00/SCK4_1/PPG26_0/TIN3_0
14
119 P113/AN25/PPG17_0/RTO1_0
P027/A01/SCS40_1/PPG27_0/TOT0_0/RTO3_1
15
118 P112/AN24/PPG16_0/RTO0_0
P173/PPG39_1
16
117 P111/RX1(64)/SCS62_0/AN23/INT1_0
P030/A02/SCS41_1/PPG28_0/TOT1_0
17
116 P110/TX1(64)/SCS63_0/AN22
P031/A03/SCS42_1/PPG29_0/TOT2_0
18
115 NMIX
P032/A04/SCS43_1/PPG30_0/TOT3_0/RTO2_1
19
114 P155/AN21
P033/A05/PPG31_0/ICU3_3/TIN4_0/RTO1_1/SCK3_2
20
113 P154/AN20
P034/A06/OCU11_1/ICU2_3/TIN5_0/RTO0_1/SOT3_2
21
112 P193/PPG25_1
P150/SOT8_0/SDA8/OCU10_1/TRG6_0/ICU1_3/TIN6_0
22
111 P107/AN19/PPG15_0
P151/SCK8_0/SCL8/OCU9_1/TRG7_0/ICU0_3/TIN7_0/ZIN0_2/DTTI_1
23
110 P106/SCS70_0/AN18/PPG14_0
P035/A07/SIN8_0/OCU8_1/TOT4_0/AIN0_0/INT11_0
24
109 P105/SCS71_0/AN17/PPG13_0
P036/A08/SCS8_0/OCU7_1/TOT5_0/BIN0_0
25
108 P104/SCS72_0/AN16/PPG12_0
P037/A09/OCU6_1/TOT6_0/ZIN0_0
26
107 P103/SCS73_0/AN15/PPG11_0
P174/TRG8_1
27
106 P102/SIN7_0/AN14/PPG10_0/INT10_0
P175/TRG9_1
28
105 P101/SOT7_0/SDA7/AN13/PPG9_0
P040/A10/PPG23_1/TOT7_0/AIN1_0/SIN0_1
29
104 P100/SCK7_0/SCL7/AN12/PPG8_0
P041/A11/SIN9_0/ICU9_1/BIN1_0/INT12_0
30
103 AVCC0
P042/A12/SOT9_0/AN47/ICU8_1/TRG0_1/ZIN1_0
31
102 AVRH0
P043/A13/ICU7_1/TRG1_1
32
101 AVSS0/AVRL0
P044/A14/SCS9_0/ICU6_1/TRG2_1
33
100 P097/SCK11_0/SCL11/AN11/ICU5_0/PPG17_1
P045/A15/SCK9_0/AN46/ICU5_1/TRG3_1/TOT1_2
34
99
P096/RX0(128)/SOT11_0/SDA11/AN10/INT0_0
P046/A16/ICU4_1/TRG4_1
35
98
P095/TX0(128)/SCS11_0/AN9
P176/TRG10_0
36
97
P094/AN8/ICU4_0/TOT3_1
P047/A17/AN45/TRG8_0/TIN3_2/SOT0_1
37
96
P093/TX0_1/SIN11_0/AN7/ICU4_2/PPG16_1/ICU3_0/TOT2_1
P177/TRG11_0
38
95
P192/PPG24_1/TOT1_1
P050/A18/TRG5_1/PPG33_0
39
94
P092/AN6/PPG40_1/ICU2_0/TOT0_1
P051/A19/TRG9_0
40
93
P091/AN5/PPG41_1/ICU1_0/TIN3_1
P052/A20/PPG34_0/INT14_0
41
92
P090/AN4/ICU0_0/TIN2_1
P053/A21/AN44/PPG35_0/INT14_1/SCK0_1
42
91
P191/TIN1_1
P054/SYSCLK/PPG36_0
43
90
P190/TIN0_1
VCC
44
89
VSS
●
TOP VIEW
MB91F522L,
MB91F523L,
MB91F524L,
MB91F525L,
MB91F526L
LQFP-176
* In a single clock product, pin 149 and pin 150 are the general-purpose ports
.
LQP176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More