Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB91F522DKBPMC Fiches technique(PDF) 15 Page - Cypress Semiconductor

No de pièce MB91F522DKBPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522DKBPMC Fiches technique(HTML) 15 Page - Cypress Semiconductor

Back Button MB91F522DKBPMC Datasheet HTML 11Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 12Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 13Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 14Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 15Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 16Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 17Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 18Page - Cypress Semiconductor MB91F522DKBPMC Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 15 of 280
MB91520 Series
MB91F52xJ
MB91F522J, MB91F523J, MB91F524J, MB91F525J, MB91F526J
(TOP VIEW)
VSS
1
90
VSS
P020/SIN3_1/TRG3_0/TIN0_2/RTO5_1
2
89
P122/SIN6_0/AN31/OCU8_0/INT9_1
P021/SOT3_1/TRG6_1/TRG4_0
3
88
P120/AN30/OCU6_0/PPG22_0/INT9_0
P022/SCK3_1/TRG7_1/TRG5_0
4
87
P117/SCS60_0/AN29/PPG21_0/RTO5_0
P023/SCS3_1/PPG32_0/TIN0_0
5
86
P116/SCK6_0/SCL6/AN28/PPG20_0/RTO4_0
P024/SIN4_1/PPG24_0/TIN1_0/RTO4_1/INT15_0
6
85
P115/RX1_1/SOT6_0/SDA6/AN27/PPG19_0/RTO3_0/INT1_1
P025/SOT4_1/PPG25_0/TIN2_0
7
84
P114/SCS61_0/AN26/PPG18_0/RTO2_0
P026/SCK4_1/PPG26_0/TIN3_0
8
83
P113/AN25/PPG17_0/RTO1_0
P027/SCS40_1/PPG27_0/TOT0_0/RTO3_1
9
82
P112/AN24/PPG16_0/RTO0_0
P030/SCS41_1/PPG28_0/TOT1_0
10
81
P111/RX1(64)/SCS62_0/AN23/INT1_0
P031/SCS42_1/PPG29_0/TOT2_0
11
80
P110/TX1(64)/SCS63_0/AN22
P032/SCS43_1/PPG30_0/TOT3_0/RTO2_1
12
79
NMIX
P033/PPG31_0/ICU3_3/TIN4_0/RTO1_1/SCK3_2
13
78
P155/AN21
P034/OCU11_1/ICU2_3/TIN5_0/RTO0_1/SOT3_2
14
77
P154/AN20
P150/SOT8_0/SDA8/OCU10_1/TRG6_0/ICU1_3/TIN6_0
15
76
P107/AN19/PPG15_0
P151/SCK8_0/SCL8/OCU9_1/TRG7_0/ICU0_3/TIN7_0/ZIN0_2/DTTI_1
16
75
P106/SCS70_0/AN18/PPG14_0
P035/SIN8_0/OCU8_1/TOT4_0/AIN0_0/INT11_0
17
74
P105/SCS71_0/AN17/PPG13_0
P036/SCS8_0/OCU7_1/TOT5_0/BIN0_0
18
73
P104/SCS72_0/AN16/PPG12_0
P037/OCU6_1/TOT6_0/ZIN0_0
19
72
P103/SCS73_0/AN15/PPG11_0
P040/PPG23_1/TOT7_0/AIN1_0/SIN0_1
20
71
P102/SIN7_0/AN14/PPG10_0/INT10_0
P041/SIN9_0/ICU9_1/BIN1_0/INT12_0
21
70
P101/SOT7_0/SDA7/AN13/PPG9_0
P042/SOT9_0/AN47/ICU8_1/TRG0_1/ZIN1_0
22
69
P100/SCK7_0/SCL7/AN12/PPG8_0
P043/ICU7_1/TRG1_1
23
68
AVCC0
P044/SCS9_0/ICU6_1/TRG2_1
24
67
AVRH0
P045/SCK9_0/AN46/ICU5_1/TRG3_1/TOT1_2
25
66
AVSS0/AVRL0
P046/ICU4_1/TRG4_1
26
65
P097/SCK11_0/SCL11/AN11/ICU5_0/PPG17_1
P047/AN45/TRG8_0/TIN3_2/SOT0_1
27
64
P096/RX0(128)/SOT11_0/SDA11/AN10/INT0_0
P050/TRG5_1/PPG33_0
28
63
P095/TX0(128)/SCS11_0/AN9
P053/AN44/PPG35_0/INT14_1/SCK0_1
29
62
P093/TX0_1/SIN11_0/AN7/ICU4_2/PPG16_1/ICU3_0/TOT2_1
VCC
30
61
VSS
●
TOP VIEW
MB91F522J,
MB91F523J,
MB91F524J,
MB91F525J,
MB91F526J
LQFP-120
* In a single clock product, pin 102 and pin 103 are the general-purpose ports.
LQM120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More