| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F525DKBPMC Fiches technique(PDF) 19 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525DKBPMC Fiches technique(HTML) 19 Page - Cypress Semiconductor |
|
19 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 19 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 3 *1 3 *1 3 *1 6 *1 9 11 P024 - F General-purpose I/O port WR0X *2, *3, *4, *5 - External bus/Write strobe 0 output SIN4_1 - Multi-function serial ch.4 serial data input (1) PPG24_0 - PPG ch.24 output (0) TIN1_0 - Reload timer ch.1 event input (0) RTO4_1 - Waveform generator ch.4 output pin (1) INT15_0 - INT15 External interrupt input (0) - - 4 *1 7 *1 10 12 P025 - A General-purpose I/O port WR1X *4, *5 - External bus/Write strobe 1 output SOT4_1 - Multi-function serial ch.4 serial data output (1) PPG25_0 - PPG ch.25 output (0) TIN2_0 - Reload timer ch.2 event input (0) - - - - - 13 P172 - A General-purpose I/O port PPG38_1 - PPG ch.38 output (1) - 4 *1 5 *1 8 *1 11 14 P026 - F General-purpose I/O port A00 *3, *4, *5 - External bus/Address bit0 output (0) SCK4_1 - Multi-function serial ch.4 clock I/O (1) PPG26_0 - PPG ch.26 output (0) TIN3_0 - Reload timer ch.3 event input (0) 4 *1 5 *1 6 *1 9 *1 12 15 P027 - A General-purpose I/O port A01 *2, *3, *4, *5 - External bus/Address bit1 output (0) SCS40_1 - Serial chip select 40 I/O (1) PPG27_0 - PPG ch.27 output (0) TOT0_0 - Reload timer ch.0 output (0) RTO3_1 - Waveform generator ch.3 output pin (1) - - - - - 16 P173 - A General-purpose I/O port PPG39_1 - PPG ch.39 output (1) - - 7 *1 10 *1 13 17 P030 - A General-purpose I/O port A02 *4, *5 - External bus/Address bit2 output (0) SCS41_1 - Serial chip select 41 output (1) PPG28_0 - PPG ch.28 output (0) TOT1_0 - Reload timer ch.1 output (0) - 6 *1 8 *1 11 *1 14 18 P031 - A General-purpose I/O port A03 *3, *4, *5 - External bus/Address bit3 output (0) SCS42_1 - Serial chip select 42 output (1) PPG29_0 - PPG ch.29 output (0) TOT2_0 *3 - Reload timer ch.2 output (0) |