| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4094M013TR Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4094M013TR Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() HCF4094B 2/12 IINPUT EQUIVALENT CIRCUIT PIN DESCRIPTION FUNCTIONAL DIAGRAM TRUTH TABLE X : Don’t Care OC : Open Circuit * At the positive clock edge information on the 7th shift register stage is transferred to the 8th register stage and the QS output. PIN No SYMBOL NAME AND FUNCTION 2 DATA Data Input 1 STROBE Strobe Input 3 CLOCK Clock Input 9, 10 QS,Q’S Serial Outputs 4, 5, 6, 7, 14, 13, 12, 11 Q1 to Q8 Parallel Outputs 15 OUTPUT ENABLE Output Enable Input 8 VSS Negative Supply Voltage 16 VDD Positive Supply Voltage CLOCK OUTPUTS ENABLE STROBE DATA PARALLEL OUTPUTS SERIAL OUTPUTS Q1 Qn Q*S Q’S L X X OC OC Q7 No Change L X X OC OC No Change Q7 H L X No Change No Change Q7 No Change HH L L Qn -1 Q7 No Change HHHH Qn -1 Q7 No Change H H H No Change No Change No Change Q7 |