| Moteur de recherche de fiches techniques de composants électroniques |
|
MB96310 Fiches technique(PDF) 17 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96310 Fiches technique(HTML) 17 Page - Cypress Semiconductor |
|
17 / 82 page ![]() Document Number: 002-04592 Rev. *A Page 16 of 81 MB96310 Series 10. Serial Programming Communication Interface Note: If a Flash programmer and its software needs to use a handshaking pin, Cypress suggests to the tool vendor to support at least port P00_1 on pin 19. If handshaking is used by the tool but P00_1 is not available in customer’s application, Cypress suggests to the customer to check the tool manual or to contact the tool vendor for alternative handshaking pins. USART pins for Flash serial programming (MD[2:0] = 010) MB96F31x Pin number USART Number Normal function LQFP-48 7 USART2 SIN2 8 SOT2 9 SCK2 20 USART7 SIN7_R 19 SOT7_R 18 SCK7_R 22 USART8 SIN8_R 21 SOT8_R 23 SCK8_R |