| Moteur de recherche de fiches techniques de composants électroniques |
|
LM431 Fiches technique(PDF) 4 Page - HTC Korea TAEJIN Technology Co. |
|
|
|||||||||||||||||||||||||||||
LM431 Fiches technique(HTML) 4 Page - HTC Korea TAEJIN Technology Co. |
|
4 / 9 page ![]() PROGRAMMABLE PRECISION SHUNT REGULATOR LM431/A/C Apr. 2012 – Rev.1.1 - 4 - HTC [ Fig 3. Test circuit for IKA(OFF) ] The deviation parameters ΔVREF/ΔT and ΔIREF/ΔT are defined as the differences between the maximum and minimum values obtained over the recommended temperature range. The average full-range temperature coefficient of the reference voltage, αVREF, is defined as : Where : ΔTA is the recommended operating free-air temperature range of the device. αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower temperature. Calculating Dynamic Impedance The dynamic impedance is defined as : KA KA KA I V Z When the device is operating with two external resistors, the total dynamic impedance of the circuit is given by : 2 1 1 ' R R Z I V Z KA |