Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY2DP814SC Fiches technique(PDF) 5 Page - Cypress Semiconductor

No de pièce CY2DP814SC
Description  1:4 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814SC Fiches technique(HTML) 5 Page - Cypress Semiconductor

  CY2DP814SC Datasheet HTML 1Page - Cypress Semiconductor CY2DP814SC Datasheet HTML 2Page - Cypress Semiconductor CY2DP814SC Datasheet HTML 3Page - Cypress Semiconductor CY2DP814SC Datasheet HTML 4Page - Cypress Semiconductor CY2DP814SC Datasheet HTML 5Page - Cypress Semiconductor CY2DP814SC Datasheet HTML 6Page - Cypress Semiconductor CY2DP814SC Datasheet HTML 7Page - Cypress Semiconductor CY2DP814SC Datasheet HTML 8Page - Cypress Semiconductor CY2DP814SC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ComLink™ Series
CY2DP814
Document #: 38-07060 Rev. *B
Page 5 of 9
Notes:
3.
RL = 50 ohm
± 1%; Zline = 50 ohm 6 = Ó.
4.
CL includes instrumentation and fixture capacitance within 6 mm of the UT.
5.
TPA and B are used for prop delay and rise/fall measurements. TPC is used for VOC measurements only and otherwise connected to VDD – 2.
6.
When measuring Tr/Tf, tpd, VOD point TPC is held at VDD – 2.0V.
7.
LVCMOS/LVTTL single-ended input value. Ground either input: when on the B side, non-inversion takes place. If A side is grounded, the signal becomes the
complement of the input on B side. See Table 3.
Table 10. High-frequency Parametrics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Fmax
Maximum Frequency
VDD = 3.3V
50% Duty Cycle tW(50–50)
Standard Load Circuit
450
MHz
Fmax(20)
Maximum Frequency
VDD = 3.3V
20% Duty Cycle tW(20–80)
LVPECL Input
Vin = VIH(Max.)/VIL(Min.)
Vout = VOH(Min.)/VOL (Max.) (Limit)
175
MHz
TW
Minimum Pulse
VDD = 3.3V
LVPECL Input
Vin = VIH(Max.)/VIL(Min.) F = 100 MHz
Vout = VOH(Min.)/VOL(Max.).(Limit)
900
pS
Q
Q
VDD
VDD - 2V
Device concept
User Defined
VTT & RTT
Figure 1. Differential PECL Output
80 %
20 %
0V D if f er en tia l
V0 Y -
V0 Z
t
R
t
F
1.4 V
1.0 V
1.4 V
1.0 V
0V D if f er entia l
0V D if f er entia l
1.2 V C M
1.2 V C M
V1A
V1B
V0Y
V0Z
T PL H
T PH L
En 1
En 2
TP A
TPC
TP B
50
50
GN D
15 0
15 0
S tand ard Te rm in ation
Pulse
Ge ne ra to r
A
B
10pF
VDD-2 V
Figure 2. Differential Receiver to Driver Propagation Delay and Driver Transition Time[3, 4, 5, 6, 7]



Html Pages

1 2 3 4 5 6 7 8 9