Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY2DP814ZCT Fiches technique(PDF) 2 Page - Cypress Semiconductor

No de pièce CY2DP814ZCT
Description  1:4 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814ZCT Fiches technique(HTML) 2 Page - Cypress Semiconductor

  CY2DP814ZCT Datasheet HTML 1Page - Cypress Semiconductor CY2DP814ZCT Datasheet HTML 2Page - Cypress Semiconductor CY2DP814ZCT Datasheet HTML 3Page - Cypress Semiconductor CY2DP814ZCT Datasheet HTML 4Page - Cypress Semiconductor CY2DP814ZCT Datasheet HTML 5Page - Cypress Semiconductor CY2DP814ZCT Datasheet HTML 6Page - Cypress Semiconductor CY2DP814ZCT Datasheet HTML 7Page - Cypress Semiconductor CY2DP814ZCT Datasheet HTML 8Page - Cypress Semiconductor CY2DP814ZCT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ComLink™ Series
CY2DP814
Document #: 38-07060 Rev. *B
Page 2 of 9
Pin Description
Pin Number
Pin Name
Pin Standard Interface
Description
6, 7
IN+, IN–
Configurable
Differential input pair or single line. LVPECL default.
See CONFIG below.
2
CONFIG
LVTTL/LVCMOS
Converts inputs from the default
LVPECL/LVDS
(logic = 0)
to
LVTTL/LVCMOS
(logic = 1).
See Figure 6 and Figure 7 for additional information
1, 8
EN1, EN2
LVTTL/LVCMOS
Enable/disable logic. See Function Table below for
details.
16, 15, 14, 13, 12, 11, 10, 9
Q1A, Q1B,
Q2A, Q2B,
Q3A, Q3B,
Q4A, Q4B
LVPECL
Differential outputs.
3, 4
VDD
POWER
Positive supply voltage.
5GND
POWER
Ground.



Html Pages

1 2 3 4 5 6 7 8 9