| Moteur de recherche de fiches techniques de composants électroniques |
|
CS7615 Fiches technique(PDF) 32 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS7615 Fiches technique(HTML) 32 Page - Cirrus Logic |
|
32 / 36 page ![]() CS7615 32 DS231PP6 FR- Reset gate clock pulse for CCD, PIN 20. Connect directly to CCD. FR is a rising pulse. H1- Horizontal shift register clock #1, PIN 23. Connect directly to CCD. H2- Horizontal shift register clock #2, PIN 24. Connect directly to CCD. V4X- Vertical shift register clock, PIN 25. Connects to vertical driver. VH3X- Charge read out pulse, PIN 26. Connect to vertical driver. V3X- Vertical shift register clock, PIN 27. Connects to vertical driver. VH1X- Charge read out pulse, PIN 28. Connect to vertical driver. V1X- Vertical shift register clock, PIN 29. Connects to vertical driver. V2X- Vertical shift register clock, PIN 30. Connects to vertical driver. OFDX- Charge sweep out pulse for shutter control, PIN 31. Connect to vertical driver. OFDX is a falling pulse. HCLK- Horizontal line frequency clock, PIN 34. Connect to DC-DC converter. HCLK is a falling pulse when it is in “HREF” output mode. Mosaic Data and clock Outputs DO[0..9] - Digital Mosaic Outputs. CMOS level Mosaic coded CCD output data. |