| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F585ASK Fiches technique(PDF) 27 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F585ASK Fiches technique(HTML) 27 Page - Cypress Semiconductor |
|
27 / 176 page ![]() Document Number: 002-04665 Rev *A Page 26 of 175 MB91580M/S Series Type Circuit Remarks D Pull-up control Digital output CMOS hysteresis input Automotive input Standby control P-ch P-ch N-ch R General-purpose I/O port CMOS level output IOH=-2/-5mA, IOL=2/5mA With 50k Ω pull-up resistor control CMOS hysteresis input (0.7Vcc/0.3Vcc) Automotive input (0.8Vcc/0.5Vcc) E Pull-up control Digital output CMOS hysteresis input Automotive input Standby control P-ch P-ch N-ch R General-purpose I/O port CMOS level output IOH=-2/-5mA, IOL=2/5mA With 50 k Ω pull-up resistor control CMOS hysteresis input (0.7Vcc/0.3Vcc) During standby, the input value retains the previous value. Automotive input (0.8Vcc/0.5Vcc) During standby, the input value retains the previous value. |