| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B360L Fiches technique(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B360L Fiches technique(HTML) 13 Page - Cypress Semiconductor |
|
13 / 128 page ![]() Document Number: 002-04930 Rev.*B Page 13 of 128 MB9B360L Series 4. Pin Description 4.1 List of Pin Numbers The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Pin No Pin Name I/O Circuit Type Pin State Type LQFP64 QFN64 LQFP48 QFN48 1 1 VCC - - 2 - P50 E K AIN0_0 INT00_0 TIOA0_0 CTS4_0 3 - P51 E K BIN0_0 INT01_0 TIOB0_0 RTS4_0 4 - P52 I K IC00_0 ZIN0_0 INT02_0 TIOA1_0 SIN4_0 5 - P53 N K IC01_0 INT03_0 TIOB1_0 SOT4_0 (SDA4_0) 6 2 P54 N K IC02_0 INT04_0 TIOA2_0 - SCK4_0 (SCL4_0) 7 3 P55 I K IC03_0 INT05_0 TIOB2_0 SIN3_0 8 4 P56 N K FRCK0_0 INT06_0 TIOA3_0 SOT3_0 (SDA3_0) |