| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B310R Fiches technique(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B310R Fiches technique(HTML) 13 Page - Cypress Semiconductor |
|
13 / 117 page ![]() Document Number: 002-05619 Rev. *D Page 13 of 117 MB9B310R Series LBC112 Note: − The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. (TOP VIEW) H J 11 A B C 6 7 K L D E F G 8 9 10 3 4 5 VCC VCC 1 2 VSS VCC P50 P53 P3F VSS P4E MD1 VSS X1A INITX AN01 VSS VCC VSS P20 P23 AN12 AN09 AN06 AN03 VSS P40 P30 P34 P37 P3B P35 P44 TRSTX P4D AN02 VSS AN14 AN10 AN07 AN04 P22 AN13 P0B P07 TMS/ SWDIO UDP0 UDM0 USBVCC P0E VSS AN08 P52 P61 P0F P0C P08 VSS P32 P36 P43 P49 P42 P4C P3A P3D VSS P09 P0A P48 P4B P56 P63 Index AN05 P55 X0 X1 VSS VSS P33 P39 P38 P3C P3E AN00 VCC VSS C X0A VSS P41 P45 P4A MD0 VSS P54 VSS TDI P21 AN15 AN11 AVRH AVSS AVCC P31 P60 P62 P06 TDO/ SWO P05 VSS P0D P51 TCK/ SWCLK PFBGA - 112 |