Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5246BKS50-R2 Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AD5246BKS50-R2
Description  128-Position I2C Compatible Digital Resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5246BKS50-R2 Fiches technique(HTML) 16 Page - Analog Devices

Back Button AD5246BKS50-R2 Datasheet HTML 12Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 13Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 14Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 15Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 16Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 17Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 18Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 19Page - Analog Devices AD5246BKS50-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5246
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
6
5
4
VDD
GND
SCL
AD5246
TOP VIEW
(Not to Scale)
B
W
SDA
Figure 37. Pin Function Descriptions, 6-Lead SC70
Table 8. AD5246 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply.
2
GND
Digital Ground.
3
SCL
Serial Clock Input. Positive edge
triggered.
4
SDA
Serial Data Input/Output.
5
W
W Terminal.
6
B
B Terminal.
Rev. 0 | Page 16 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20