Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PDL128G70 Fiches technique(PDF) 69 Page - SPANSION

No de pièce AM29PDL128G70
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL128G70 Fiches technique(HTML) 69 Page - SPANSION

Back Button AM29PDL128G70 Datasheet HTML 61Page - SPANSION AM29PDL128G70 Datasheet HTML 62Page - SPANSION AM29PDL128G70 Datasheet HTML 63Page - SPANSION AM29PDL128G70 Datasheet HTML 64Page - SPANSION AM29PDL128G70 Datasheet HTML 65Page - SPANSION AM29PDL128G70 Datasheet HTML 66Page - SPANSION AM29PDL128G70 Datasheet HTML 67Page - SPANSION AM29PDL128G70 Datasheet HTML 68Page - SPANSION AM29PDL128G70 Datasheet HTML 69Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 69 / 69 page
background image
68
Am29PDL128G
July 29, 2002
P R E L I M I NARY
Table 9. Sector Protection Schemes
Added field: Unprotected-PPB not changeable, DYB is
changable.
Figure 1. In-System Sector Protection/Sector
Unprotection Algorithms
Added Note
Table 14. Memory Array Command Definitions (x32
Mode)
Table 16. Memory Array Command Definitions (x16
Mode)
Added SecSi Sector Factory Protect and Sector Group
Protect Verify fields to tables.
Added Notes 8 and 9
Changed the Autoselect Sector Group Protect Verify
command variable from SA(3A) to SA02.
Table 15. Sector Protection Command Definitions
(x32 mode)
Table 17. Sector Protection Comamnd Definitions
(x16 mode)
Changed variables in Cycle field for Password Pro-
gram (from 5 to 4), PPMLB Status (from 6 to 4), and
SPMLB Status (from 6 to 4).
Added Note 17
FBGA Ball Capacitance
Changed table from BGA Capacitance to Fortified
BGA Capacitance and modified values within table to
TBD.
DC Characteristics
Deleted the I
ACC specification row.
Special Package Handling Instructions
Changed the instructions to include molded packages
(TSOP, BGA, PLCC, PDIP, SSOP).
CFI
Modified wording of last paragraph to read ‘reading
array data”.
Trademarks
Copyright © 2002 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69