| Moteur de recherche de fiches techniques de composants électroniques |
|
SPMC802B Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SPMC802B Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 27 page ![]() SPMC802B 7.1.8. SOP 24 (300mil) D y 24 112 b e pin 1 index 13 c E X H A 2 L L 1 A θ detail X A 1 Dimension in mm Dimension in inch Symbol Min. Typ. Max. Min. Typ. Max. A 2.362 2.515 2.642 0.093 0.099 0.104 A1 0.102 - 0.305 0.004 - 0.012 A2 b - 0.406 - - 0.016 - c - 0.254 - - 0.010 - D 15.215 15.240 15.596 0.599 0.600 0.614 E 7.391 7.493 7.595 0.291 0.295 0.299 e - 1.270 - - 0.050 - H 10.008 10.312 10.643 0.394 0.406 0.419 L L1 0.406 0.889 1.270 0.016 0.035 0.050 y - - 0.102 - - 0.004 θ 0 0 - 8 0 0 0 - 8 0 © Sunplus Technology Co., Ltd. Proprietary & Confidential 21 AUG. 07, 2002 Version: 1.0 |