| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH7072 Fiches technique(PDF) 24 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH7072 Fiches technique(HTML) 24 Page - OSRAM GmbH |
|
24 / 25 page ![]() 2018-02-01 24 Version 1.0 SFH 7072 Transportation Packing and Materials Dimensions of transportation box in mm Width Length Height 195 ± 5 195 ± 5 42 ± 5 OHA02044 1 0 1 1 210 021 998 0 2 45 Packing Sealing label Barcode label M o is tu re L ev e l 3 Fl o o r tim e 16 8 H o u rs Mo is tu re L e v e l 6 F loo r ti m e 6 H o u rs a ) H u mi di ty I n d ic a to r C a rd is > 1 0 % w h en re a d a t 2 3 ˚C ± 5 ˚C , or re fl o w, v a p o r-ph a s e ref lo w , o r e q u iv a le nt p roce s s in g (p e a k p a c k a g e 2 . A ft e r thi s b a g is o p e n e d , d e v ice s t h a t w ill b e su b je c te d to inf ra re d 1 . S h e lf lif e i n s e a le d b a g : 2 4 m on th s a t < 4 0 ˚C a n d < 9 0 % rel a ti v e h u mi d it y (R H ). Mo is tu re Le v e l 5 a a t f a c to ry con d iti o n s o f (i f b la n k , s e a l d a te i s ide n ti c a l w it h d a te co d e) . a ) M o u n ted w ith in b ) S to red a t b o dy te m p . 3 . D e v ice s re q u ir e b a k in g , b ef o re m o u n ti n g , if : B a g s e a l d a te M oi s tu re L e v e l 1 Mo is tu re L e ve l 2 M o is tu re L e v e l 2 a 4. If b a king is re q u ire d , b ) 2 a o r 2 b is n o t me t. D a te a nd ti m e op e n ed: ref e ren c e IP C /J ED EC J -S T D -0 33 fo r b a ke p ro c e d u re . F lo o r ti me s e e b e lo w If b la n k , s e e b a r co d e la b e l Fl oo r tim e > 1 Y e a r F lo o r tim e 1 Ye a r F lo or ti me 4 W e e k s 1 0 % R H . _ < M oi s tu re Le v e l 4 Mo is tu re L e v e l 5 ˚C ). O PT O S E M ICO N D U CT OR S MO IS TUR E S E N S ITI V E T h is ba g co nt ai n s CA U T IO N F lo or ti m e 72 H o u rs F lo o r ti me 4 8 H o u rs F lo or t ime 2 4 H o u rs 3 0 ˚C /6 0 % R H . _ < LE VE L If b la n k , se e b a r c o d e la b e l Barcode label |