| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH5711-3/4 Fiches technique(PDF) 1 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH5711-3/4 Fiches technique(HTML) 1 Page - OSRAM GmbH |
|
1 / 14 page ![]() 2015-12-22 1 2015-12-22 High Accuracy Ambient Light Sensor Version 1.7 SFH 5711 Ordering Information Features: • Opto hybrid with logarithmic current output • Perfect match to Human Eye Sensitivity ( V λ) • Low temperature coefficient of spectral sensitivity • High accuracy over wide illumination range • The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification for Automotive Grade Discrete Semiconductors. Applications • Automotive applications • Sunlight sensor / head lamp control • Control of display backlighting • Mobile devices Type: Output current Ordering Code IOUT [µA] EV = 1000 lx (white LED LW 541C) SFH 5711-1/2 25 - 30 on request SFH 5711-2/3 27 - 32 Q65110A4513 SFH 5711-3/4 29 - 34 on request Note: Only one bin within one packing unit, see characteristics. |
Numéro de pièce similaire - SFH5711-3/4 |
|
Description similaire - SFH5711-3/4 |