Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH7050 Fiches technique(PDF) 23 Page - OSRAM GmbH

No de pièce SFH7050
Description  BioMon Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7050 Fiches technique(HTML) 23 Page - OSRAM GmbH

Back Button SFH7050 Datasheet HTML 15Page - OSRAM GmbH SFH7050 Datasheet HTML 16Page - OSRAM GmbH SFH7050 Datasheet HTML 17Page - OSRAM GmbH SFH7050 Datasheet HTML 18Page - OSRAM GmbH SFH7050 Datasheet HTML 19Page - OSRAM GmbH SFH7050 Datasheet HTML 20Page - OSRAM GmbH SFH7050 Datasheet HTML 21Page - OSRAM GmbH SFH7050 Datasheet HTML 22Page - OSRAM GmbH SFH7050 Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Version 1.1
SFH7050
2016-04-20
23
Disclaimer
Language english will prevail in case of any discrepancies or deviations between the two language wordings.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances.
For information on the types in question please contact our Sales Organization.?If printed or downloaded, please find
the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
?By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any
costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components* may only be used in life-support devices** or systems with the express written approval of
OSRAM OS.
*) A critical component is a component used in a life-support device or system whose failure can reasonably be
expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that
device or system.
**) Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or
maintain and sustain human life. If they fail, it is reasonable to assume that the health and the life of the user may be
endangered.
Glossary
1) Typical Values: Due to the special conditions of the manufacturing processes of LED and
photodiodes, the typical data or calculated correlations of technical parameters can only reflect
statistical figures. These do not necessarily correspond to the actual parameters of each single
product, which could differ from the typical data and calculated correlations or the typical
characteristic line. If requested, e.g. because of technical improvements, these typ. data will be
changed without any further notice.
Published by OSRAM Opto Semiconductors GmbH
Leibnizstraße 4, D-93055 Regensburg
www.osram-os.com © All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23