| Moteur de recherche de fiches techniques de composants électroniques |
|
PLT5488 Fiches technique(PDF) 5 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
PLT5488 Fiches technique(HTML) 5 Page - OSRAM GmbH |
|
5 / 9 page ![]() Version 0.3 PLT5 488 09.06.2017 5 DRAFT - This design is for Reference only. Subject to change – may be necessary in a limited number of cases. Package Outline Dimensions in mm Pin Connection Pin 1: LD Anode Pin 2: LD Cathode, PD Cathode (case) Pin 3: PD Anode PD LD 1 2 3 Zener Diode |