| Moteur de recherche de fiches techniques de composants électroniques |
|
HAR2425 Fiches technique(PDF) 32 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAR2425 Fiches technique(HTML) 32 Page - Micronas |
|
32 / 33 page ![]() HAR 24xy DATA SHEET 32 July 14, 2015; DSH000170_001EN Micronas 6.2. Programming Environment and Tools For the programming of HAR 24xy it is possible to use the Micronas tool kit (HAL-APB V1.x & LabView Pro- gramming Environment) or the USB kit in order to ease the product development. The details of programming sequences are also available on request. 6.3. Programming Information For reliability in service, it is mandatory to set the LOCK bit to one and the POUT bit to zero after final adjustment and programming of HAR 2425. The success of the LOCK process must be checked by reading the status of the LOCK bit after locking and by a negative communication test after a power on reset. It is also mandatory to check the acknowledge (first and second) of the sensor or to read/check the status of the PROG_DIAGNOSIS register after each write and store sequence to verify if the programming of the sensor was successful. Please check HAR 24xy Pro- gramming Guide for further details. Electrostatic Discharges (ESD) may disturb the pro- gramming pulses. Please take precautions against ESD. Note: Please check also the “HAL 24xy Programming Guide”. It contains additional information and instructions about the programming of the devices. |