| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH4941 Fiches technique(PDF) 9 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH4941 Fiches technique(HTML) 9 Page - OSRAM GmbH |
|
9 / 10 page ![]() Version 1.2 SFH 4941 2015-12-23 9 Glossary 1) Thermal resistance: junction -ambient, mounted on PC-board (FR4), padsize 16 mm2 each 2) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily correspond to the actual parameters of each single product, which could differ from the typical data and calculated correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data will be changed without any further notice. |