| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC080CDR Fiches technique(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC080CDR Fiches technique(HTML) 36 Page - Texas Instruments |
|
36 / 52 page ![]() MECHANICAL DATA MSOI002B – JANUARY 1995 – REVISED SEPTEMBER 2001 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D (R-PDSO-G**) PLASTIC SMALL-OUTLINE PACKAGE 8 PINS SHOWN 8 0.197 (5,00) A MAX A MIN (4,80) 0.189 0.337 (8,55) (8,75) 0.344 14 0.386 (9,80) (10,00) 0.394 16 DIM PINS ** 4040047/E 09/01 0.069 (1,75) MAX Seating Plane 0.004 (0,10) 0.010 (0,25) 0.010 (0,25) 0.016 (0,40) 0.044 (1,12) 0.244 (6,20) 0.228 (5,80) 0.020 (0,51) 0.014 (0,35) 1 4 8 5 0.150 (3,81) 0.157 (4,00) 0.008 (0,20) NOM 0 °– 8° Gage Plane A 0.004 (0,10) 0.010 (0,25) 0.050 (1,27) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion, not to exceed 0.006 (0,15). D. Falls within JEDEC MS-012 |