| Moteur de recherche de fiches techniques de composants électroniques |
|
ML145053 Fiches technique(PDF) 12 Page - LANSDALE Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ML145053 Fiches technique(HTML) 12 Page - LANSDALE Semiconductor Inc. |
|
12 / 15 page ![]() www.lansdale.com Page 12 of 15 Issue A ML145053 LANSDALE Semiconductor, Inc. Table 2. Programmer's Guide for 16-Bit Transfers: Input Code Input Address in Hex Channel to be Converted Next Comment $0XXX $1XXX $2XXX $3XXX $4XXX $5XXX $6XXX $7XXX $8XXX $9XXX $AXXX $BXXX $CXXX $DXXX $EXXX $FXXX AN0 AN1 AN2 AN3 AN4 None None None None None None AN5 AN6 AN7 None None Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Not Allowed Not Allowed Not Allowed Not Allowed Not Allowed Not Allowed Half Scale Test: Output = $8000 Zero Test: Output = $0000 Full Scale Test: Output = $FFC0 Not Allowed Not Allowed Table 3. Programmer's Guide for 16-Bit Transfers: Output Code Conversion Result Without Offset Removed Conversion Result With Offset Removed Value $0000 $0040 $0080 $00C0 $0100 $0140 $0180 $01C0 $0200 $0240 $0280 $02C0 $FF40 $FF80 $FFC0 $0000 $0001 $0002 $0003 $0004 $0005 $0006 $0007 $0008 $0009 $000A $000B $03FD $03FE $03FF + 5 V Zero Zero + 1 LSB Zero + 2 LSBs Zero + 3 LSBs Zero + 4 LSBs Zero + 5 LSBs Zero + 6 LSBs Zero + 7 LSBs Zero + 8 LSBs Zero + 9 LSBs Zero + 10 LSBs Zero + 11 LSBs Full Scale – 2 LSBs Full Scale – 1 LSB Full Scale µ P 0.1 µF CS SCLK AN0 AN1 AN2 AN3 AN4 ML145053 ADC ANALOG SENSORS, ETC. 5 VOLT REFERENCE CIRCUIT SPI PORT EOC Din Dout VSS VAG VDD Vref 0.22µF Figure 15. Example Application Legacy Applications Information |