| Moteur de recherche de fiches techniques de composants électroniques |
|
PEWGK1027 Fiches technique(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PEWGK1027 Fiches technique(HTML) 1 Page - Pasternack Enterprises, Inc. |
|
1 / 3 page ![]() 1 . Description This is a gasket kit consisting of a conductive gasket, stainless steel screws, nuts, and washers to connect two waveguide flanges together. The PEWGK1027 is the kit made expressly for WR-137 CPR-137G waveguide flange. The gasket is made of Shore “A” 85 silver-plated copper impregnated silicone elastomer. The screws, nuts and washers are made of stainless steel. Pasternack has waveguide gaskets (both conductive and non-conductive), screws and other accessories that you need for your waveguides. Often people can forget to order items like screws or waveguide supports. Pasternack has a full line of waveguide accessories available for same day shipment so that you do not have to wait for weeks to get your system working. Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: WR-137 Waveguide Electrically Conductive Gasket kit, CPR Grooved Flange PEWGK1027 PEWGK1027 REV 1.0 WR-137 Waveguide Electrically Conductive Gasket kit, CPR Grooved Flange Waveguide Accessories Technical Data Sheet PEWGK1027 |
Numéro de pièce similaire - PEWGK1027 |
|
Description similaire - PEWGK1027 |