Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PWR06DTRC1O2201 Fiches technique(PDF) 14 Page - Token Electronics Industry Co., Ltd.

No de pièce PWR06DTRC1O2201
Description  Pulse Withstanding Chip Resistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR06DTRC1O2201 Fiches technique(HTML) 14 Page - Token Electronics Industry Co., Ltd.

Back Button PWR06DTRC1O2201 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR06DTRC1O2201 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. PWR06DTRC1O2201 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. PWR06DTRC1O2201 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. PWR06DTRC1O2201 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. PWR06DTRC1O2201 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. PWR06DTRC1O2201 Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. PWR06DTRC1O2201 Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. PWR06DTRC1O2201 Datasheet HTML 14Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 13/13
General Information
Token Thin Film Chips Add Powerful New Options
Token electronics provides the industry’s most comprehensive range of precision thin film
technologies for discrete, network, and integrated passive components used in instrumentation;
automotive electronics; communications systems; and portable electronics applications. Ultra-reliable
precision Nichrome resistive elements are available on ceramic or silicon substrates in a wide variety
of surface mount resistors.
In response to market demands for increased precision and stability, Token has expanded range of
nichrome thin-film chip resistors. Offering solutions to precision test and measurement and voltage
regulation across industrial, military and medical monitoring equipment markets designed to offer
superior humidity performance.
Token Thick Film Chips Cut the Cost of Precision Resistors
Token electronics has developed an extensive range of thick film / thin film resistive technologies for
electronic circuits in power supplies; test and measurement; industrial electronics; telecommunications;
audio circuits; automotive control systems; lighting controls; medical electronics; industrial equipment;
and control systems applications.
In addition to this, proven thick film technologies from Token electronics provide a large range of
standard resistive low Ohmic current sense products for critical battery management, and line
termination. The enhanced performance of the chips is made possible by the precise use of the best
resistance inks and a closely controlled production process.
Token Chip Low Ohmic Resistors come in Smaller Sizes and Minimized Power Consumption
Today’s electronic devices are becoming smaller and smaller. As a result, designers are moving more
towards surface mount components not only for new designs but also to design out large axial and
other through-hole resistors.
In most cases this is a straight forward task as several resistor manufacturers offer chip resistors with
performances to match axial parts. However in some cases, due to power rating or pulse withstanding
requirements, this has been impossible. The requirement, in particular, for pulse withstand capability is
growing due to the need to protect sensitive modern electronic systems. To meet this demand Token
electronics have designed a Pulse Withstanding Chip Resistor (PWR Series).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14