Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL28610 Fiches technique(PDF) 21 Page - Silicon Laboratories

No de pièce SL28610
Description  Low Power Clock Generator for Intel짰 Ultra Mobile Platform
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28610 Fiches technique(HTML) 21 Page - Silicon Laboratories

Back Button SL28610 Datasheet HTML 15Page - Silicon Laboratories SL28610 Datasheet HTML 16Page - Silicon Laboratories SL28610 Datasheet HTML 17Page - Silicon Laboratories SL28610 Datasheet HTML 18Page - Silicon Laboratories SL28610 Datasheet HTML 19Page - Silicon Laboratories SL28610 Datasheet HTML 20Page - Silicon Laboratories SL28610 Datasheet HTML 21Page - Silicon Laboratories SL28610 Datasheet HTML 22Page - Silicon Laboratories SL28610 Datasheet HTML 23Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SL28610
...................... DOC #: SP-AP-0078 (Rev. 1.0) Page 21 of 23
Ordering Information
Part Number
Package Type
Product Flow
Lead-free
SL28610BLC
48-pin QFN
Commerial, 0
 to 85C
SL28610BLI
48-pin QFN
Industrial, -40
 to 85C
SL 28 610 B L C - T
Temperature Designator
Package Designator
L : QFN
Revision Number
A = 1st Silicon
Generic Part Number
Designated Family Number
Company Initials
Packaging Designator for Tape and Reel
This device is Pb free and RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23