Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N6718 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce 2N6718
Description  NPN Silicon General Purpose Transistor 625mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N6718 Fiches technique(HTML) 2 Page - Micro Commercial Components

  2N6718 Datasheet HTML 1Page - Micro Commercial Components 2N6718 Datasheet HTML 2Page - Micro Commercial Components 2N6718 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:A
2016/02/23
www.mccsemi.com
2 of
3
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
C
I = 0.1mA,IE=0
100
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
100
V
Emitter-base breakdown voltage
V(BR)EBO
E
I =1mA,IC=0
5
V
Collector cut-off current
ICBO
CB
V =100V,IE=0
1
μA
Emitter cut-off current
IEBO
EB
V =5V,IC=0
1
μA
hFE(1)
*
0m
CE
V =1V, IC=50mA
hFE(2)
*
CE
V =1V, IC=250mA
50
250
DC current gain
hFE(3)
*
CE
V =1V, IC=500mA
00
VCE(sat)(1)
*
IC=250mA,IB=10mA
0.5
V
Collector-emitter saturation voltage
VCE(sat)(2)
*
IC=250mA,IB=25mA
0.35
V
Base-emitter voltage
VBE
*
CE
V =1V, IC=250mA
1.2
V
Collector output capacitance
Cob
CB
V =10V, f=1MHz
30
pF
Transition frequency
fT
CE
V =10V,IC=50mA
0m
MHz
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
Micro Commercial Components
M C C
R
80
50
20
50



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com