Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74V2G74 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce 74V2G74
Description  SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G74 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button 74V2G74 Datasheet HTML 5Page - STMicroelectronics 74V2G74 Datasheet HTML 6Page - STMicroelectronics 74V2G74 Datasheet HTML 7Page - STMicroelectronics 74V2G74 Datasheet HTML 8Page - STMicroelectronics 74V2G74 Datasheet HTML 9Page - STMicroelectronics 74V2G74 Datasheet HTML 10Page - STMicroelectronics 74V2G74 Datasheet HTML 11Page - STMicroelectronics 74V2G74 Datasheet HTML 12Page - STMicroelectronics 74V2G74 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74V2G74
10/13
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
34.9
b
0.13
0.28
5.1
11.0
C
0.10
0.18
3.9
7.1
D
1.80
2.20
70.9
86.6
E
1.80
2.40
70.9
94.5
E1
1.15
1.35
45.3
53.1
e
0.5
19.7
e1
1.5
59.0
L
0.10
0.30
3.9
11.8
SOT323-8L MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13