| Moteur de recherche de fiches techniques de composants électroniques |
|
DS600U/T Fiches technique(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS600U/T Fiches technique(HTML) 2 Page - Maxim Integrated Products |
|
2 / 4 page ![]() DS600 ±0.5°C Accurate Analog-Output Temperature Sensor 2 of 4 ABSOLUTE MAXIMUM RATINGS Voltage Range on Any Pin (except CTG) Relative to Ground -0.5V to +6.0V Voltage Range on CTG Relative to Ground -0.5 to +0.5V Operating Temperature Range -40°C to +125°C Storage Temperature Range -55°C to +125°C Soldering Temperature (10s) +260°C (See IPC/JEDEC J-STD-020A) Reflow Oven Temperature +220°C Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability. DC ELECTRICAL CHARACTERISTICS (VCC = 2.7V to 5.5V, TA = -40°C to +125°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Supply Voltage VDD 2.7 5.5 V -20°C to +100°C ±0.5 Thermometer Error TERR -40°C to +125°C ±0.75 °C Output Gain ∆V/∆T 6.45 mV/°C VOUT DC Offset VOS 0°C 509 mV Low-Level Input Voltage (SD) VIL -0.5 0.3 x VDD V High-Level Input Voltage (SD) VIH 0.7 x VDD VDD + 0.5 V SD Input Capacitance CSD 5 pF VTH Input Capacitance CVTH 5 pF Low-Level Output Voltage (TO, TO) VOL 4mA sink current 0 0.4 V Supply Current IDD 140 µA Shutdown Current ISD 2.5 µA Input Current (VTH) ITH 0.01 1 µA Input Resistance (VTH) RTH 5 MΩ Leakage Current (SD) IL 0.01 1 µA External Load Capacitance on VOUT CEL 50 pF VOUT Source Current IOSO 10 µA VOUT Sink Current IOSI 10 µA Output Impedance (VOUT) ROUT 100 Ω Power-Up Time tPOWERUP 10 ms Nonlinearity ±0.2 °C Comparator Offset ±3 mV Comparator Response Time tCOMP 20 ms |