Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH4250-R2S Fiches technique(PDF) 12 Page - OSRAM GmbH

No de pièce SFH4250-R2S
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4250-R2S Fiches technique(HTML) 12 Page - OSRAM GmbH

Back Button SFH4250-R2S Datasheet HTML 5Page - OSRAM GmbH SFH4250-R2S Datasheet HTML 6Page - OSRAM GmbH SFH4250-R2S Datasheet HTML 7Page - OSRAM GmbH SFH4250-R2S Datasheet HTML 8Page - OSRAM GmbH SFH4250-R2S Datasheet HTML 9Page - OSRAM GmbH SFH4250-R2S Datasheet HTML 10Page - OSRAM GmbH SFH4250-R2S Datasheet HTML 11Page - OSRAM GmbH SFH4250-R2S Datasheet HTML 12Page - OSRAM GmbH SFH4250-R2S Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2016-11-24
12
Version 1.6
SFH 4250
Glossary
1) Thermal resistance: junction -ambient, mounted on PC-board (FR4), padsize 16 mm2 each
2) Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g. metal block)
3) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13