Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH4056 Fiches technique(PDF) 13 Page - OSRAM GmbH

No de pièce SFH4056
Description  High Power Infrared Emitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4056 Fiches technique(HTML) 13 Page - OSRAM GmbH

Back Button SFH4056_16 Datasheet HTML 6Page - OSRAM GmbH SFH4056_16 Datasheet HTML 7Page - OSRAM GmbH SFH4056_16 Datasheet HTML 8Page - OSRAM GmbH SFH4056_16 Datasheet HTML 9Page - OSRAM GmbH SFH4056_16 Datasheet HTML 10Page - OSRAM GmbH SFH4056_16 Datasheet HTML 11Page - OSRAM GmbH SFH4056_16 Datasheet HTML 12Page - OSRAM GmbH SFH4056_16 Datasheet HTML 13Page - OSRAM GmbH SFH4056_16 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Version 1.6
SFH 4056
2016-08-10
13
Glossary
1) Thermal resistance: junction -ambient, mounted on PC-board (FR4), padsize 5 mm2 each
2) Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g. metal block)
3) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14