Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSR-CSS Fiches technique(PDF) 6 Page - DOMINANT Semiconductors

No de pièce DSR-CSS
Description  Right Angle DomiLED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DOMINANT [DOMINANT Semiconductors]
Site Internet  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSR-CSS Fiches technique(HTML) 6 Page - DOMINANT Semiconductors

Back Button DSR-CSS Datasheet HTML 2Page - DOMINANT Semiconductors DSR-CSS Datasheet HTML 3Page - DOMINANT Semiconductors DSR-CSS Datasheet HTML 4Page - DOMINANT Semiconductors DSR-CSS Datasheet HTML 5Page - DOMINANT Semiconductors DSR-CSS Datasheet HTML 6Page - DOMINANT Semiconductors DSR-CSS Datasheet HTML 7Page - DOMINANT Semiconductors DSR-CSS Datasheet HTML 8Page - DOMINANT Semiconductors DSR-CSS Datasheet HTML 9Page - DOMINANT Semiconductors DSR-CSS Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
29/08/2017 V25.0
6
Forward Voltage (V) Appx. 3.1
Vf Binning (Optional) at Tj=25˚C
Vf Bin @ 20mA
V01
V02
V03
V04
1.55 … 1.85
1.85 … 2.15
2.15 … 2.45
2.45 … 2.75
AllnGaP : DSx-xSS
Please consult sales and marketing for special part number to incorporate Vf binning.
L1
L2
M1
M2
P1
P2
Q1
Q2
R1
R2
S1
S2
T1
T2
11.2...14.0
14.0...18.0
18.0...22.4
22.4...28.5
45.0...56.0
56.0...71.5
71.5...90.0
90.0...112.5
112.5...140.0
140.0...180.0
180.0...224.0
224.0...285.0
285.0...355.0
355.0...450.0
Brightness Group
Luminous Intensity Appx. 1.1
IV (mcd)
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16