| Moteur de recherche de fiches techniques de composants électroniques |
|
SNRTB-RLG Fiches technique(PDF) 13 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
SNRTB-RLG Fiches technique(HTML) 13 Page - DOMINANT Semiconductors |
|
13 / 17 page ![]() 12/04/2017 V1.0 13 Packaging Specification Average 1pc Spice RGB 1 completed bag (3000pcs) 0.034 190 ± 10 Weight (gram) Cardboard Box Dimensions (mm) Empty Box Weight (kg) Super Small Small Medium Large For Spice RGB Reel / Box Cardboard Box Size Weight (gram) 0.006 160 ± 10 DOMINANT TM Moisture sensitivity level Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag Reel Barcode label Label (L) Lot No : lotno (P) Part No : partno (C) Cust No : partno (G) Grouping : group (Q) Quantity : quantity (D) D/C : date code (S) S/N : serial no DOMINANT Opto Technologies ML TEMP 2 260˚C RoHS Compliant Made in Malaysia 325 x 225 x 190 325 x 225 x 280 570 x 440 x 230 570 x 440 x 460 0.38 0.54 1.46 1.92 9 reels MAX 15 reels MAX 60 reels MAX 120 reels MAX SpiceLED SNRTB-RLG DOMINANT Opto Technologies Innovating Illumination TM |