| Moteur de recherche de fiches techniques de composants électroniques |
|
DSR-CSS-RS2-1 Fiches technique(PDF) 12 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSR-CSS-RS2-1 Fiches technique(HTML) 12 Page - DOMINANT Semiconductors |
|
12 / 16 page ![]() 29/08/2017 V25.0 12 AllnGaP : DSx-xSS DOMINANT Opto Technologies Innovating Illumination TM Packaging Specification Average 1pc Right Angle DomiLED 1 completed bag (2500pcs) 0.034 190 ± 10 Weight (gram) Cardboard Box Dimensions (mm) Empty Box Weight (kg) Super Small Small Medium Large For Right Angle DomiLED Reel / Box Cardboard Box Size Weight (gram) 0.010 240 ± 10 DOMINANT TM Moisture sensitivity level Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag Reel Barcode label Label (L) Lot No : lotno (P) Part No : partno (C) Cust No : partno (G) Grouping : group (Q) Quantity : quantity (D) D/C : date code (S) S/N : serial no DOMINANT Opto Technologies ML TEMP 2 260˚C RoHS Compliant Made in Malaysia 325 x 225 x 190 325 x 225 x 280 570 x 440 x 230 570 x 440 x 460 0.38 0.54 1.46 1.92 7 reels MAX 11 reels MAX 48 reels MAX 96 reels MAX |