| Moteur de recherche de fiches techniques de composants électroniques |
|
DV6200 Fiches technique(PDF) 2 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
DV6200 Fiches technique(HTML) 2 Page - ebm-papst |
|
2 / 3 page ![]() 168 Speed signal /2 – Speed-proportional, square-wave signal for external monitoring of the fan motor speed – 2, 3, or 6 pulses per revolution – Open-collector signal output – Extremely wide operating voltage range – Easy adaptation to user interface – Connection via separate cable – The sensor signal also serves as a major comparison variable for setting and maintaining the setpoint speed for interactive or controlled cooling with one or more interconnected fans. Electrical hookup All voltages measured to ground. External load resistor Ra / US / UBS required. Signal data Type VDC mA VDC mA VDC mA Page 250 £ 0.4 2 £ 30 0 30 2 2 31 400 F £ 0.4 1 £ 30 0 30 2 2 32 400 £ 0.4 1 £ 30 0 30 2 2 33 420 J £ 0.4 2 £ 15 0 15 4 2 34 500 F £ 0.4 1 £ 30 0 30 2 2 35 600 F £ 0.4 1 £ 30 0 30 2 2 36 620 £ 0.4 2 £ 30 0 30 4 2 37 630 U £ 0.4 2 £ 30 0 30 4 2 38 600 N £ 0.4 2 £ 28 0 28 4 2 39 600 J £ 0.4 2 £ 30 0 30 4 2 41 700 F £ 0.4 2 £ 30 0 30 4 2 42 8450 £ 0.4 2 £ 28 0 28 4 2 43 8400 N £ 0.4 2 £ 28 0 28 4 2 44 8400 N VARIOFAN £ 0.4 2 £ 30 0 30 4 2 45 8300 £ 0.4 2 £ 30 0 30 4 2 46 8200 J £ 0.4 2 £ 30 0 30 4 2 47 3400 N £ 0.4 2 £ 28 0 28 4 2 48 3400 N VARIOFAN £ 0.4 2 £ 30 0 30 4 2 49 3300 N £ 0.4 2 £ 30 0 30 4 2 50 3212 J / 3214 J £ 0.4 2 £ 30 0 30 4 2 51 3218 J £ 0.4 2 £ 60 0 60 4 2 51 3250 J £ 0.4 2 £ 60 0 60 4 3 52 4412 F / 4414 F £ 0.4 2 £ 30 0 30 4 2 53 4418 F £ 0.4 2 £ 60 0 60 4 2 53 4400 FN £ 0.4 2 £ 30 0 30 4 2 55 4312 / 4314 £ 0.4 2 £ 30 0 30 4 2 56 4318 £ 0.4 2 £ 60 0 60 4 2 56 4312 / 4314 VARIOFAN £ 0.4 2 £ 30 0 30 4 2 57 4318 VARIOFAN £ 0.4 2 £ 60 0 60 4 2 57 4400 £ 0.4 2 £ 30 0 30 4 2 58/59 4100 N £ 0.4 2 £ 30 0 30 4 2 60 4100 NHH...NH6 £ 0.4 2 £ 60 0 60 10 2 61 4100 NH7...NH8 £ 0.4 2 £ 60 0 60 20 3 62 DV 4100 £ 0.4 2 £ 30 0 30 4 2 63 5200 N £ 0.4 2 £ 30 0 30 4 2 64 DV 5200 £ 0.4 2 £ 30 0 30 4 2 65 Subject to change 250 £ 0.4 2 £ 30 0 30 2 2 31 400 F £ 0.4 1 £ 30 0 30 2 2 32 400 £ 0.4 1 £ 30 0 30 2 2 33 420 J £ 0.4 2 £ 15 0 15 4 2 34 500 F £ 0.4 1 £ 30 0 30 2 2 35 600 F £ 0.4 1 £ 30 0 30 2 2 36 620 £ 0.4 2 £ 30 0 30 4 2 37 630 U £ 0.4 2 £ 30 0 30 4 2 38 600 N £ 0.4 2 £ 28 0 28 4 2 39 600 J £ 0.4 2 £ 30 0 30 4 2 41 700 F £ 0.4 2 £ 30 0 30 4 2 42 8450 £ 0.4 2 £ 28 0 28 4 2 43 8400 N £ 0.4 2 £ 28 0 28 4 2 44 8400 N VARIOFAN £ 0.4 2 £ 30 0 30 4 2 45 8300 £ 0.4 2 £ 30 0 30 4 2 46 8200 J £ 0.4 2 £ 30 0 30 4 2 47 3400 N £ 0.4 2 £ 28 0 28 4 2 48 3400 N VARIOFAN £ 0.4 2 £ 30 0 30 4 2 49 3300 N £ 0.4 2 £ 30 0 30 4 2 50 3212 J / 3214 J £ 0.4 2 £ 30 0 30 4 2 51 3218 J £ 0.4 2 £ 60 0 60 4 2 51 3250 J £ 0.4 2 £ 60 0 60 4 3 52 4412 F / 4414 F £ 0.4 2 £ 30 0 30 4 2 53 4418 F £ 0.4 2 £ 60 0 60 4 2 53 4400 FN £ 0.4 2 £ 30 0 30 4 2 55 4312 / 4314 £ 0.4 2 £ 30 0 30 4 2 56 4318 £ 0.4 2 £ 60 0 60 4 2 56 4312 / 4314 VARIOFAN £ 0.4 2 £ 30 0 30 4 2 57 4318 VARIOFAN £ 0.4 2 £ 60 0 60 4 2 57 4400 £ 0.4 2 £ 30 0 30 4 2 58/59 4100 N £ 0.4 2 £ 30 0 30 4 2 60 4100 NHH...NH6 £ 0.4 2 £ 60 0 60 10 2 61 4100 NH7...NH8 £ 0.4 2 £ 60 0 60 20 3 62 DV 4100 £ 0.4 2 £ 30 0 30 4 2 63 5200 N £ 0.4 2 £ 30 0 30 4 2 64 DV 5200 £ 0.4 2 £ 30 0 30 4 2 65 Subject to change V m V m V m 5 2 0 5 2 2 5 2 0 6 2 2 5 2 0 6 4 2 5 2 0 6 2 6 7 2 0 6 2 2 7 2 0 3 2 2 7 2 0 1 2 2 6 2 0 6 2 2 6 2 0 6 2 6 6 2 0 6 2 6 6 2 0 6 2 6 6 2 0 6 2 2 D 2 0 6 2 6 2 2 0 6 2 6 R 2 0 3 4 2 R 2 0 3 4 R 2 0 3 4 2 R 2 0 3 4 2 R 2 0 3 4 2 R 2 0 3 4 2 R 3 0 6 4 2 R 2 0 3 2 2 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 3 4 2 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 R 2 0 6 2 6 S |