Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3AB Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce S3AB
Description  3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S3AB Fiches technique(HTML) 3 Page - Micro Commercial Components

  S3AB Datasheet HTML 1Page - Micro Commercial Components S3AB Datasheet HTML 2Page - Micro Commercial Components S3AB Datasheet HTML 3Page - Micro Commercial Components S3AB Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision:
F
201
7/08/21
www.mccsemi.com
3 of 4
Micro Commercial Components
M C C
R
S3AB thru S3MB
Fig 5
.Peak Forward Surge Current
mS
Peak Forward Surge Current - A
Pulse Duration - Milliseconds (mS)
0.01
0.1
1
10
10
100
1000
10000
Amps



Html Pages

1 2 3 4