| Moteur de recherche de fiches techniques de composants électroniques |
|
RL103 Fiches technique(PDF) 4 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
RL103 Fiches technique(HTML) 4 Page - Micro Commercial Components |
|
4 / 5 page ![]() Revision: D 20 13/11/05 RADIAL TAPING SPECIFICATIONS FOR RECTIFIERS A-405 Outline Only PACKING METHODS P/N EXAMPLE: A=N:PANASERT A B C B = 0: NON INSULATION COATING--- LEAD FIRST OUT. 1: INSULATION COATING--- LEAD FIRST OUT. 2: NON INSULATION COATING--- BODY FIRST OUT. 3: INSULATION COATING--- BODY FIRST OUT. C = 1: FOR CATHODE DOWN, IN BULK. 2: FOR CATHODE UP, IN BULK. 3: FOR CATHODE DOWN, IN REEL. 4: FOR CATHODE UP, IN REEL DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .709 .748 18.0 20.0 B .460 .540 11.7 13.7 C --- .106 --- 2.7 D --- .205 --- 5.2 E .610 .650 15.5 16.5 F --- .354 --- 9.0 G --- .177 --- 4.5 H .177 .217 4.5 5.5 J .124 .179 3.15 4.55 K .146 .169 3.7 4.3 M .677 .748 17.2 19.0 N .343 .384 8.70 9.75 P .021 .025 .54 .64 S --- ±.079 --- ±2.0 T .016 .031 . 4 .8 C B D F G H A E N M K J P S T www.mccsemi.com 4 of 5 MCC TM Micro Commercial Components |