| Moteur de recherche de fiches techniques de composants électroniques |
|
HT66F0187 Fiches technique(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F0187 Fiches technique(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 192 page ![]() Rev. 1.20 20 ����st 2�� 201� Rev. 1.20 21 ����st 2�� 201� HT66F0187 A/D Flash MCU with EEPROM HT66F0187 A/D Flash MCU with EEPROM System Architecture Akeyfactorinthehigh-performancefeaturesoftheHoltekrangeofmicrocontrollersisattributed totheirinternalsystemarchitecture.Therangeofthedevicetakeadvantageoftheusualfeatures foundwithinRISCmicrocontrollersprovidingincreasedspeedofoperationandenhanced performance.Thepipeliningschemeisimplementedinsuchawaythatinstructionfetchingand instructionexecutionareoverlapped,henceinstructionsareeffectivelyexecutedinonecycle,with theexceptionofbranchorcallinstructionsorextendedinstructions.An8-bitwideALUisusedin practicallyallinstructionsetoperations,whichcarriesoutarithmeticoperations,logicoperations, rotation,increment,decrement,branchdecisions,etc.Theinternaldatapathissimplifiedbymoving datathroughtheAccumulatorandtheALU.Certaininternalregistersareimplementedinthe DataMemoryandcanbedirectlyorindirectlyaddressed.Thesimpleaddressingmethodsofthese registersalongwithadditionalarchitecturalfeaturesensurethataminimumofexternalcomponents isrequiredtoprovideafunctionalI/OandA/Dcontrolsystemwithmaximumreliabilityand flexibility.Thismakesthedevicesuitableforlow-cost,high-volumeproductionforcontroller applications. Clocking and Pipelining Themainsystemclock,derivedfromeitheraHXT,LXT,HIRCorLIRCoscillatorissubdivided intofourinternallygeneratednon-overlappingclocks,T1~T4.TheProgramCounterisincremented atthebeginningoftheT1clockduringwhichtimeanewinstructionisfetched.Theremaining T2~T4clockscarryoutthedecodingandexecutionfunctions.Inthisway,oneT1~T4clock cycleformsoneinstructioncycle.Althoughthefetchingandexecutionofinstructionstakesplace inconsecutiveinstructioncycles,thepipeliningstructureofthemicrocontrollerensuresthat instructionsareeffectivelyexecutedinoneinstructioncycleexceptextendedinstructions.The exceptiontothisareinstructionswherethecontentsoftheProgramCounterarechanged,such assubroutinecallsorjumps,inwhichcasetheinstructionwilltakeonemoreinstructioncycleto execute. Fe tc h In st . ( PC ) Ex ec ut e In st . (P C- 1) Fe tc h In st . (P C+ 1) Ex ec ut e In st . (P C) Fe tc h In st . (P C+ 2) Ex ec ut e In st . (P C+ 1) PC PC +1 PC +2 f SY S (S yst em C lo ck) P has e Cl o ck T1 Pr ogr am C oun te r P has e Cl o ck T2 P has e Cl o ck T3 P has e Cl o ck T4 Pi pe lin in g System Clocking and Pipelining |